Part Number Hot Search : 
SM101M AP432ALA SB170 C3356 PDC1004 PVA3055 SS805 NTE391
Product Description
Full Text Search
 

To Download ULN2823A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2803 THRU 2824
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10
Featuring continuous load current ratings to 500 mA for each of the drivers, the Series ULN28xxA/LW and ULQ28xxA/LW highvoltage, high-current Darlington arrays are ideally suited for interfacing between low-level logic circuitry and multiple peripheral power loads. Typical power loads totaling over 260 W (350 mA x 8, 95 V) can be controlled at an appropriate duty cycle depending on ambient temperature and number of drivers turned on simultaneously. Typical loads include relays, solenoids, stepping motors, magnetic print hammers, multiplexed LED and incandescent displays, and heaters. All devices feature open-collector outputs with integral clamp diodes. The ULx2803A, ULx2803LW, ULx2823A, and ULN2823LW have series input resistors selected for operation directly with 5 V TTL or CMOS. These devices will handle numerous interface needs -- particularly those beyond the capabilities of standard logic buffers. The ULx2804A, ULx2804LW, ULx2824A, and ULN2824LW have series input resistors for operation directly from 6 V to 15 V CMOS or PMOS logic outputs. The ULx2803A/LW and ULx2804A/LW are the standard Darlington arrays. The outputs are capable of sinking 500 mA and will withstand at least 50 V in the off state. Outputs may be paralleled for higher load current capability. The ULx2823A/LW and ULx2824A/ LW will withstand 95 V in the off state. These Darlington arrays are furnished in 18-pin dual in-line plastic packages (suffix `A') or 18-lead small-outline plastic packages (suffix `LW'). All devices are pinned with outputs opposite inputs to facilitate ease of circuit board layout. Prefix `ULN' devices are rated for operation over the temperature range of -20C to +85C; prefix `ULQ' devices are rated for operation to -40C.
Data Sheet 29304.3E
Dwg. No. A-10,322A
Note that the ULx28xxA series (dual in-line package) and ULx28xxLW series (smalloutline IC package) are electrically identical and share a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, VCE (x2803x and x2804x) ..................... 50 V (x2823x and x2824x) ..................... 95 V Input Voltage, VIN .............................. 30 V Continuous Output Current, IC .... 500 mA Continuous Input Current, IIN ....... 25 mA Power Dissipation, PD (one Darlington pair) .................. 1.0 W (total package) ..................... See Graph Operating Temperature Range, TA Prefix `ULN' .............. -20C to + 85C Prefix `ULQ' ............... -40C to +85C Storage Temperature Range, TS ................................ -55C to +150C
FEATURES
I TTL, DTL, PMOS, or CMOS Compatible Inputs I Output Current to 500 mA I Output Voltage to 95 V I Transient-Protected Outputs I Dual In-Line Package or Wide-Body Small-Outline Package
x = Character to identify specific device. Characteristic shown applies to family of devices with remaining digits as shown. See matrix on next page.
2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
DEVICE PART NUMBER DESIGNATION
VCE(MAX) IC(MAX) Logic 5V TTL, CMOS 6-15 V CMOS, PMOS 50 V 500 mA Part Number ULN2803A* ULN2803LW* ULN2804A* ULN2804LW* ULN2823A* ULN2823LW ULN2824A* ULN2824LW 95 V 500 mA
*Also available for operation between -40C and +85C. To order, change prefix from `ULN' to `ULQ'.
PARTIAL SCHEMATICS
ULx28x3A/LW (Each Driver)
COM
2.7K
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
2.5
2.0
7.2K
3K
SUFFIX 'A', R JA = 60C/W
1.5
Dwg. No. A-9651
1.0
SUFFIX 'LW', R
ULx28x4A/LW (Each Driver)
COM
10.5K
0.5
JA
= 80C/W
0 25
50 75 100 125 AMBIENT TEMPERATURE IN C
150
7.2K
3K
Dwg. GP-018B
Dwg. No. A-9898A
x = Character to identify specific device. Specification shown applies to family of devices with remaining digits as shown. See matrix above.
115 Northeast Cutoff, Box 15036 W Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1977, 1999 Allegro MicroSystems, Inc.
2803 THRU 2824
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Types ULx2803A, ULx2803LW, ULx2804A, and ULx2804LW ELECTRICAL CHARACTERISTICS at +25C (unless otherwise noted).
Characteristic Output Leakage Current Symbol ICEX Test Fig. 1A Applicable Devices All Test Conditions VCE = 50 V, TA = 25C VCE = 50 V, TA = 70C 1B Collector-Emitter Saturation Voltage VCE(SAT) 2 ULx2804x All VCE = 50 V, TA = 70C, VIN = 1.0 V IC = 100 mA, IB = 250 A lC = 200 mA, IB = 350 A IC = 350 mA, IB = 500 A Input Current IIN(ON) 3 ULx2803x ULx2804x VIN = 3.85 V VIN = 5.0 V VIN = 12 V IIN(OFF) Input Voltage VIN(ON) 4 5 All ULx2803x lC = 500 A, TA = 70C VCE = 2.0 V, lC = 200 mA VCE = 2.0 V, IC = 250 mA VCE = 2.0 V, lC = 300 mA ULx2804x VCE = 2.0 V, lC = 125 mA VCE = 2.0 V, lC = 200 mA VCE = 2.0 V, IC = 275 mA VCE = 2.0 V, lC = 350 mA Input Capacitance Turn-On Delay Turn-Off Delay Clamp Diode Leakage Current Clamp Diode Forward Voltage CIN tPLH tPHL IR VF -- 8 8 6 All All All All 0.5 EIN to 0.5 EOUT 0.5 EIN to 0.5 EOUT VR = 50 V, TA = 25C VR = 50 V, TA = 70C 7 All IF = 350 mA Min. -- -- -- -- -- -- -- -- -- 50 -- -- -- -- -- -- -- -- -- -- -- -- -- Limits Typ. Max. <1 <1 <5 0.9 1.1 1.3 0.93 0.35 1.0 65 -- -- -- -- -- -- -- 15 0.25 0.25 -- -- 1.7 50 100 500 1.1 1.3 1.6 1.35 0.5 1.45 -- 2.4 2.7 3.0 5.0 6.0 7.0 8.0 25 1.0 1.0 50 100 2.0 Units A A A V V V mA mA mA A V V V V V V V pF s s A A V
Complete part number includes prefix to operating temperature range: ULN = -20C to +85C, ULQ = -40C to +85C and a suffix to identify package style: A = DIP, LW = SOIC.
www.allegromicro.com
2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Types ULx2823A, ULN2823LW, ULx2824A, and ULN2824LW ELECTRICAL CHARACTERISTICS at +25C (unless otherwise noted).
Characteristic Output Leakage Current Symbol ICEX Test Fig. 1A Applicable Devices All Test Conditions VCE = 95 V, TA = 25C VCE = 95 V, TA = 70C 1B Collector-Emitter Saturation Voltage VCE(SAT) 2 ULx2824x All VCE = 95 V, TA = 70C, VIN = 1.0 V IC = 100 mA, IB = 250 A lC = 200 mA, IB = 350 A IC = 350 mA, IB = 500 A Input Current IIN(ON) 3 ULx2823x ULx2824x VIN = 3.85 V VIN = 5.0 V VIN = 12 V IIN(OFF) Input Voltage VIN(ON) 4 5 All ULx2823x lC = 500 A, TA = 70C VCE = 2.0 V, lC = 200 mA VCE = 2.0 V, IC = 250 mA VCE = 2.0 V, lC = 300 mA ULx2824x VCE = 2.0 V, lC = 125 mA VCE = 2.0 V, lC = 200 mA VCE = 2.0 V, IC = 275 mA VCE = 2.0 V, lC = 350 mA Input Capacitance Turn-On Delay Turn-Off Delay Clamp Diode Leakage Current Clamp Diode Forward Voltage CIN tPLH tPHL IR VF -- 8 8 6 All All All All 0.5 EIN to 0.5 EOUT 0.5 EIN to 0.5 EOUT VR = 95 V, TA = 25C VR = 95 V, TA = 70C 7 All IF = 350 mA Min. -- -- -- -- -- -- -- -- -- 50 -- -- -- -- -- -- -- -- -- -- -- -- -- Limits Typ. Max. <1 <1 <5 0.9 1.1 1.3 0.93 0.35 1.0 65 -- -- -- -- -- -- -- 15 0.25 0.25 -- -- 1.7 50 100 500 1.1 1.3 1.6 1.35 0.5 1.45 -- 2.4 2.7 3.0 5.0 6.0 7.0 8.0 25 1.0 1.0 50 100 2.0 Units A A A V V V mA mA mA A V V V V V V V pF s s A A V
Complete part number includes prefix to operating temperature range: ULN = -20C to +85C, ULQ = -40C to +85C and a suffix to identify package style: A = DIP, LW = SOIC. Note that the ULQ2823LW and ULQ2824LW are not presently available.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
2803 THRU 2824
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
TEST FIGURES
FIGURE 1A
OPEN VCE
FIGURE 1B
OPEN VCE
FIGURE 2
OPEN
A OPEN ICEX VIN
A ICEX
I hFE = C IB
V IB
Dwg. No. A-9729A Dwg. No. A-9730A
VCE
IC
Dwg. No. A-9731A
FIGURE 3
OPEN
FIGURE 4
OPEN VCE
FIGURE 5
OPEN
A IIN mA VIN OPEN IIN A VIN V VCE
Dwg. No. A-9732A Dwg. No. A-9733A
IC
V IC
Dwg. No. A-9734A
FIGURE 6
VR
FIGURE 7
FIGURE 8
VIN INPUT 50% 50%
A IR OPEN OPEN V VF
IF
OUTPUT t pHL 50% t pHL 50%
+50 V
Vin Dwg. No. A-9735A Dwg. No. A-9736A ULx28x3x ULx28x4x 3.5 V 12 V
PULSE GENERATOR PRR = 10KHz DC = 50%
INPUT 93 30
100 OUT 50 pF
www.allegromicro.com
2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ALLOWABLE COLLECTOR CURRENT AS A FUNCTION OF DUTY CYCLE
ULx28xxA
600 600
ALLOWABLE COLLECTOR CURRENT AS A FUNCTION OF DUTY CYCLE
ULx28xxLW
OUTPUT CURRENT IN mA/CHANNEL
400 4 5 8 200 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 7 6
3
OUTPUT CURRENT IN mA/CHANNEL
2
2
400 4 5 6 7 8 200 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY
3
TA = +50C RJA = 60C/W
TA = +50C RJA = 80C/W
0 0 20 40 60 80 100
Dwg. GP-070-2
0 0 20 40 60 80 100
Dwg. GP-070-4
DUTY CYCLE IN PER CENT
DUTY CYCLE IN PER CENT
600
600
1
OUTPUT CURRENT IN mA/CHANNEL
1
OUTPUT CURRENT IN mA/CHANNEL
2 400 4 5 6 8 200 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 7 3
2 400 3 4 5 6 8 200 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 7
TA = +70C RJA = 60C/W
TA = +70C RJA = 80C/W
0 0 20 40 60 80 100
Dwg. GP-070-1
0 0 20 40 60 80 100
Dwg. GP-070-3
DUTY CYCLE IN PER CENT
DUTY CYCLE IN PER CENT
x = Characters to identify specific device. Specification shown applies to family of devices with remaining digits as shown.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
2803 THRU 2824
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
INPUT CURRENT AS A FUNCTION OF INPUT VOLTAGE
ULx28x3x
2.5
SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT
600
2.0
IN
INPUT CURRENT IN mA -- I
X MA
IM
UM
COLLECTOR CURRENT IN mA
400
TY PI M CA AX L .S AT UR AT IO N VO LT AG E
1.5
TY PIC AL
1.0
200
0.5
AREA OF NORMAL OPERATION WITH STANDARD OR SCHOTTKY TTL
0 2.0 3.0 4.0 INPUT VOLTAGE
Dwg. GP-069
0
5.0 6.0
0
0.5
1.0
1.5
2.0
Dwg. GP-067
COLLECTOR-EMITTER SATURATION VOLTAGE
ULx28x4x
2.0
COLLECTOR CURRENT AS A FUNCTION OF INPUT CURRENT
600
COLLECTOR CURRENT IN mA
INPUT CURRENT IN mA -- IIN
1.5
400
CA L
TY
1.0
MA
PI
XIM
UM
A TYPIC
L
200
0.5
D Q' RE X. A M
T PU IN
NT RE UR C
0 5 6 7 8 9 10 11 12
Dwg. GP-069-1
0 0 200 400 600
Dwg. GP-068
INPUT VOLTAGE
INPUT CURRENT IN A
x = Characters to identify specific device. Characteristic shown applies to family of devices with remaining digits as shown.
www.allegromicro.com
2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PACKAGE DESIGNATOR "A" DIMENSIONS
Dimensions in Inches (controlling dimensions)
0.014 0.008
18
10
0.430 0.280 0.240
MAX
0.300
BSC
1
0.070 0.045
0.100 0.920 0.880
BSC
9
0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-18A in
Dimensions in Millimeters (for reference only)
18 10 0.355 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1
1.77 1.15
2.54 23.37 22.35
BSC
9
0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-18A mm
NOTES:1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Lead thickness is measured at seating plane or below.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
2803 THRU 2824
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PACKAGE DESIGNATOR "LW" DIMENSIONS
Dimensions in Inches (for reference only)
18 10 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013
1
2
3 0.4625 0.4469
0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-18A in
Dimensions in Millimeters (controlling dimensions)
18 10 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33
1
2
3 11.75 11.35
1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-18A mm
NOTES:1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative.
www.allegromicro.com
2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of ULN2823A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X